Part Number Hot Search : 
TPSMA33A G25C60 E278RC56 43860 20N60 MBR16100 2SC509 LC420EU
Product Description
Full Text Search
 

To Download HR25A-9P-12PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 miniature push-pull circular connectors hr25a series 2009.3 31.8 hex nut hex nut receptacle receptacle plug plug panel *shown without the cable. 4, 6 and 8 positions 12, 16 and 20 positions 40.3 mated dimensions features 1. small size ?high density outside diameters - plugs (max): 11 mm : 4,6 and 8 positions 13 mm : 12,16 and 20 positions 2. simple push-in/ pull-out mating / un-mating polarized for correct insertion by a straight push-in movement. built-in lock release mechanism securely locks mated connectors while allowing quick disconnection by simply pulling on the plug release collar. 3. several mounting number of positions, styles and terminations number of positions : 4, 6, 8, 12, 16 and 20 connectors :plugs, jacks, receptacles terminations :solder, crimp or pc board through-hole (receptacles only) choice of socket or pin contacts for plugs and receptacles. 4. metal shells secure lock between the metal shells provides excellent ground connection required in applications requiring emi protection. applications ccd cameras, measuring instruments, entertainment centers, medical equipment and other applications requiring use of reliable small circular connectors. new b connecting combinations plugs solder termination crimp termination solder termination crimp termination jack- solder termination jack C crimp termination pc board mounting receptacles C jacks the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
hr25a series miniature push-pull circular connectors 2 specifications ratings current rating voltage rating 1 a 30 v ac, 42 v dc -25? to +85? -25? to +85? (note 1) operating temperature range storage temperature range 1,000 m? min. no flashover or insulation breakdown 30 m? max. contact resistance: 50 m? max. no electrical discontinuity of 10 s or longer no damage, cracks or parts dislocation. insulation resistance: 5 m? min. (at high humidity) insulation resistance: 50 m? min. (when dry) no damage, cracks or parts dislocation. insulation resistance: 1,000 m? min. 100 v dc 100 v ac / one minute (test voltage) 1 a dc no damage, cracks or parts dislocation 1,000 cycles frequency: 10 to 55 hz, single amplitude of 0.75 mm 5 minute cycle, 10 cycles in each of the 3 axis 96 hours at 40?, and humidity of 90 to 95% temperature :-55? / +15? to +35? / +85? / +15? to +35? time :30min. / 2to 3 min. / 30min. / 2to 3 min. 5 cycles 1. insulation resistance 2. withstanding voltage 3. contact resistance 4. durability 5. vibration 6. humidity 7. temperature cycle item conditions specification remarks CCCCCCCC ul94v-0 CCCCCCCC CCCCCCCC CCCCCCCC ul94v-0 CCCCCCCC material zinc alloy pps ethylene propylene rubber phosphor bronze zinc alloy pps phosphor bronze finish item plugs jacks outer shell insulator gasket, boots contacts outer shell insulator contacts receptacles nickel plated gold plated nickel plated gold plated material note: the term storage refers to connectors stored for long period of time prior to termination or mounting. ordering information hr 2 5 a - 7 p - 6 s c ( ( ) ) 1 5 2 3 4 6 7 series name: hr25a series 1 contact type: s : female contacts p : male contacts termination type: blank : solder c : crimp d : dip other specifications: 2 numerical digits will be added when there is a specifications change other than shown in positions to . 5 2 4 shell size: outside diameter of plug mating portion connector type: p : plug r : receptacle j : jack number of contacts: 4, 6, 8, 12, 16, 20 3 6 7 1 6 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
3 hr25a series miniature push-pull circular connectors plugs number of contacts shell size 7 9 crimp termination (separate contacts required) shell size: 7 6 1 4 3 35.3 boots 7.45 ?11 ?5 ?7 9.45 ?13 43.8 20 5 1 2 boots all dimensions: mm number of contacts 4 6 8 12 16 20 yes male contact female contact cl no. rohs part number part number cl no. hr25a-7p-4p hr25a-7p-6p hr25a-7p-8p hr25a-9p-12p hr25a-9p-16p hr25a-9p-20p 125-0612-1 125-0602-8 125-0609-7 125-0607-1 125-0605-6 125-0600-2 hr25a-7p-4s hr25a-7p-6s hr25a-7p-8s hr25a-9p-12s hr25a-9p-16s hr25a-9p-20s 125-0613-4 125-0611-9 125-0610-6 125-0608-4 125-0606-9 125-0604-3 yes shell size 9 male contact female contact cl no. rohs part number part number cl no. HR25A-9P-12PC hr25a-9p-16pc hr25a-9p-20pc 125-0652-6 125-0650-0 125-0648-9 hr25a-9p-12sc hr25a-9p-16sc hr25a-9p-20sc 125-0653-9 125-0651-3 125-0649-1 12 16 20 hr25a-7p-6p hr25a-9p-20p shell size: 9 solder termination (contacts inserted) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
hr25a series miniature push-pull circular connectors 4 3 ? 13 11.8 14hex 11 a 1 20 19 16 52 hex nut lock washer hr25a-9r-20sc receptacles shell size 7 9 crimp termination (separate contacts required) shell size: 7 3 1 3 6 4 4 6 1 3 ? 11 11.8 14.3 12hex 9 hex nut lock washer 3 ?13 11.8 13.3 14.3 14hex 11 1 25 20 a 2 1 5 20 hex nut all dimensions: mm lock washer number of contacts 4 6 8 12 16 20 yes male contact female contact cl no. rohs part number part number cl no. hr25a-7r-4p hr25a-7r-6p hr25a-7r-8p hr25a-9r-12p hr25a-9r-16p hr25a-9r-20p 125-0623-8 125-0621-2 125-0620-0 125-0618-8 125-0616-2 125-0614-7 hr25a-7r-4s hr25a-7r-6s hr25a-7r-8s hr25a-9r-12s hr25a-9r-16s hr25a-9r-20s 125-0622-5 125-0603-0 125-0619-0 125-0617-5 125-0615-0 125-0601-5 hr25a-7r-6s hr25a-9r-20s shell size: 9 number of contacts yes shell size 9 pin contact female contact cl no. rohs part number part number cl no. hr25a-9r-12pc hr25a-9r-16pc hr25a-9r-20pc 125-0659-5 125-0657-0 125-0654-1 hr25a-9r-12sc hr25a-9r-16sc hr25a-9r-20sc 125-0658-2 125-0656-7 125-0655-4 12 16 20 solder termination (contacts inserted) all dimensions: mm the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
5 hr25a series miniature push-pull circular connectors receptacles jacks number of contacts yes shell size 9 male contact female contact cl no. rohs part number part number cl no. hr25a-9j-12pc hr25a-9j-16pc hr25a-9j-20pc 125-0665-8 125-0663-2 125-0661-7 hr25a-9j-12sc hr25a-9j-16sc hr25a-9j-20sc 125-0664-5 125-0662-0 125-0660-4 12 16 20 through hole (for pc board mounting) solder termination (contact inserted) crimp termination (separate contacts required) shell size 7 9 number of contacts 4 6 8 12 16 20 yes male contact female contact cl no. rohs part number part number cl no. hr25a-7j-4p hr25a-7j-6p hr25a-7j-8p hr25a-9j-12p hr25a-9j-16p hr25a-9j-20p 125-0635-7 125-0633-1 125-0631-6 125-0629-4 125-0627-9 125-0625-3 hr25a-7j-4s hr25a-7j-6s hr25a-7j-8s hr25a-9j-12s hr25a-9j-16s hr25a-9j-20s 125-0634-4 125-0632-9 125-0630-3 125-0628-1 125-0626-6 125-0624-0 yes number of contacts 4 6 8 12 16 20 male contact female contact cl no. rohs part number part number cl no. hr25a-7r-4pa hr25a-7r-6pa hr25a-7r-8pa hr25a-9r-12pa hr25a-9r-16pa hr25a-9r-20pa 125-0647-6 125-0645-0 125-0643-5 125-0641-0 125-0639-8 125-0637-2 hr25a-7r-4sa hr25a-7r-6sa hr25a-7r-8sa hr25a-9r-12sa hr25a-9r-16sa hr25a-9r-20sa 125-0646-3 125-0644-8 125-0642-2 125-0640-7 125-0638-5 125-0636-0 shell size 7 9 3 ? 11 9 11.8 12.9 2 12hex 1 3 6 a 4 1 3 6 4 hex nut lock washer 3 14hex 11 11.8 12.9 2 ? 13 1 2 5 20 a 2 1 5 20 hex nut lock washer shell size: 7 hr25a-7r-6sa shell size: 9 hr25a-9r-20sa ? 11.8 35.8 ? 5 3 6 4 1 boot ? 13.8 43.8 20 2 5 1 ? 7 boot shell size: 7 hr25a-7j-6s all dimensions: mm all dimensions: mm all dimensions: mm shell size: 9 hr25a-9j-20s the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
hr25a series miniature push-pull circular connectors 6 crimp contacts b applicable tools 0.88 0.7 9.4 4 13.4 0.88 9.4 4 13.4 0.7 male contact female contact note: wire jacket outer diameter 0.71 mm max. type part number cl no. used on manual contact crimping tool automatic crimping machine applicator cable clamp crimp tool solder termination fixture plug shell tightening fixture contact extraction tool hex set screw driver hr25-ta3032hc cm-105 ap105-hr25-1 hr10a-tc-02 hr25a-7p-t02 hr25a-7p-t03 hr25a-9p-t02 hr25a-9p-t03 hr25-tp pb205/1.27 150-0207-3 901-0005-4 901-2040-6 150-0041-2 150-0243-7 150-0248-0 150-0242-4 150-0247-8 150-0091-0 150-0066-3 hr25-pc-111 or hr25-sc-111 hr25-pc-211 or hr25-sc-211 hr25a-7p hr25a-7p hr25a-9p hr25a-9p hr25-pc-111 or hr25-sc-111 for tightening for wiring for tightening for wiring all dimensions: mm cl no. packaging part number conductor size / construction rohs 125-0421-3 125-0422-6 100 pcs. per bag 10,000 pcs. per reel hr25-sc-111 hr25-sc-211 awg#30 yes cl no. packaging part number conductor size / construction rohs 125-0419-1 125-0420-0 100 pcs. per bag 10,000 pcs. per reel hr25-pc-111 hr25-pc-211 awg#30 yes the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
7 hr25a series miniature push-pull circular connectors b panel cutouts b pcb mounting pattern (for through-hole pc board mounting) ?d b a c notes 1: the receptacle panel cutout is a view from the mating side. dimensions hr25a-7r hr25a-9r a b c d applicable panel thickness 9.05 +0.03/ -0.02 5.1 +0.1/ -0 10 +0.05/ -0 11.05 +0.03/ -0.02 6.1 +0.1/ -0 12 +0.05/ -0 1.55 +0.05/ -0 0.7 to 2 1 2 4 3 11 0.9 0.9 4- ? 0.5 +0.1 0 1 3 6 4 +0.1 0 1.5 1.5 0.9 0.9 6- ? 0.5 5 8 7 2 4 1 +0.1 0 1.5 1.5 0.7 22 0.7 8- ? 0.5 +0.1 0 0.7 2.1 2.1 0.7 1.4 1.4 12- ? 0.5 1 5 3 4 8 12 +0.1 0 1 2.8 2.8 1.4 1.4 2.1 2.1 0.7 0.7 16- ? 0.5 3 4 9 8 13 16 14 3.1 3.1 1.9 1.9 0.7 0.7 2.1 2.1 0.7 0.7 2.8 2.8 1.4 1.4 +0.1 0 20- ? 0.5 1 1 2 6 11 16 20 19 15 note 1: the contact configuration is a view from the mating side. note 2: plated through hole location and diameter tolerance: 0.05. all dimensions: mm the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
8 hr25a series miniature push-pull circular connectors the contents of this catalog are current as of date of publication. contents are subject to change without notice for the purpose of improvements. the contents of this catalog are current as of date of publication. contents are subject to change without notice for the purpose of improvements. 5-23,osaki 5-chome,shinagawa-ku,tokyo 141-8587,japan phone: 81-3-3491-9741, fax: 81-3-3493-2933 http://www.hirose.com http://www.hirose-connectors.com shell size 7 contact configuration number of contacts solderpot inner diameter 4 0.5mm 68 2 4 3 1 123 654 1 234 567 8 shell size 9 contact configuration number of contacts solderpot inner diameter note 1: the contact configuration as viewed from the mating side. note 2: the symbol in the above illustrations indicates the mating side guide position of the receptacle. 12 0.5mm 16 20 1234 5678 9 10 11 12 1 10 23 45678 9 11 12 13 14 15 16 1 234 6789 5 10 15 14 131211 16 17 18 19 20 b contact position arrangement precautions 1. make sure that turn off the power to the circuit before mating / un-mating the connector. 2. make sure that use the connector of female contacts on the power side to the circuit. 3. make sure that use the connector with the screw lock activated (throughly tightened). the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative. 04/2009
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: hirose electric: ? hr25a-9p-20p? hr25a-9r-20s? hr25a-7p-6p? hr25a-7r-6s? hr25a-9p-20s? hr25a-9p-16p? hr25a-9p-16s? hr25a-9p-12p? hr25a-9p-12s? hr25a-7p-8p? hr25a-7p-8s? hr25a-7p-6s? hr25a-7p-4p? hr25a-7p-4s? hr25a- 9r-20p? hr25a-9r-16s? hr25a-9r-16p? hr25a-9r-12s? hr25a-9r-12p? hr25a-7r-8s? hr25a-7r-8p? hr25a-7r- 6p? hr25a-7r-4s? hr25a-7r-4p? hr25a-9j-20s? hr25a-9j-20p? hr25a-9j-16s? hr25a-9j-16p? hr25a-9j-12s? hr25a-9j-12p? hr25a-7j-8s? hr25a-7j-8p? hr25a-7j-6s? hr25a-7j-6p? hr25a-7j-4s? hr25a-7j-4p? hr25a-9r- 20sa? hr25a-9r-20pa? hr25a-9r-16sa? hr25a-9r-16pa? hr25a-9r-12sa? hr25a-9r-12pa? hr25a-7r-8sa? hr25a-7r-8pa? hr25a-7r-6sa? hr25a-7r-6pa? hr25a-7r-4sa? hr25a-7r-4pa? hr25a-9p-20pc? hr25a-9p- 20sc? hr25a-9p-16pc? hr25a-9p-16sc? HR25A-9P-12PC? hr25a-9p-12sc? hr25a-9r-20pc? hr25a-9r-20sc? hr25a-9r-16sc? hr25a-9r-16pc? hr25a-9r-12sc? hr25a-9r-12pc? hr25a-9j-20sc? hr25a-9j-20pc? hr25a- 9j-16sc? hr25a-9j-16pc? hr25a-9j-12sc? hr25a-9j-12pc


▲Up To Search▲   

 
Price & Availability of HR25A-9P-12PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X